PART |
Description |
Maker |
20KDA10 |
Miniature Size, Low Forward Voltage drop Low Forward Voltage drop Diode Miniature Size / Low Forward Voltage drop
|
NIEC[Nihon Inter Electronics Corporation]
|
11EFS4 |
Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30, 16 x 30; Jacket Material:Polyvinylchloride Low Forward Voltage drop Diode
|
Nihon Inter Electronics Corporation
|
31DQ04 |
Versatile Miniature Switch, High Performance Low Forward Voltage drop Diode
|
NIEC[Nihon Inter Electronics Corporation]
|
31DF2 |
Versatile Miniature Switch, High Performance Low Forward Voltage drop Diode
|
NIEC[Nihon Inter Electronics Corporation]
|
11EQ10 |
Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30, 16 x 30; Jacket Material:Polyvinylchloride (PVC); Features:Unshielded; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes SBD Low Forward Voltage drop Diode
|
ETC[ETC] NIEC[Nihon Inter Electronics Corporation]
|
DFL15005S DFL1501S DFL1510S DFL1504S DFL1502S DFL1 |
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers, Forward Current 1.5A
|
Vishay
|
TSX-3225 |
MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
|
Epson ToYoCom
|
FA-128 |
MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
|
Epson ToYoCom
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
595-2101-002F 595-2701-007F 595-2701-013F |
LED Lamp; Bulb Size:2mm; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to C; Color:Red; LED Gas Type:AlGaAs RoHS Compliant: Yes SINGLE COLOR LED, RED, 1.8 mm LED Lamp; Bulb Size:2mm; LED Color:Yellow; Luminous Intensity:41mcd; Forward Current:20mA; Forward Voltage:2.02V; Operating Temperature Range:-30 C to 85 C; Color:AllnGaP Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes SINGLE COLOR LED, YELLOW, 1.8 mm
|
Dialight PLC DIALIGHT CORP
|
MPG06B MPG06J MPG06M MPG06G MPG06K MPG06A MPG06D |
Miniature Glass Passivated, Junction Plastic Rectifier, Forward Current 1.0A
|
Vishay
|
558-0302-001F |
LED Lamp; Bulb Size:3mm; LED Color:Yellow; Luminous Intensity:12.6mcd; Viewing Angle:60 ; Forward Current:12mA; Forward Voltage:5V; Operating Temperature Range:-40 C to 85 C; Color:Yellow RoHS Compliant: Yes T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
Dialight PLC
|